Part Number Hot Search : 
BC307C 95000 25160 ODEL1 L2101 BC550 C10013SK FJB3307D
Product Description
Full Text Search
  .070 Datasheet PDF File

For .070 Found Datasheets File :: 256689    Search Time::3.891ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Fujitsu Limited
Part No. MB8504D064AA-70 MB8504D064AA-60
OCR Text ...pply voltage v cc ?.5 to +7.0 v input voltage v in ?.5 to +7.0 v output voltage v out ?.5 to +7.0 v short circuit output current...70 n product line & features n package parameter mb8504d064aa-60 mb8504d064aa-70 ras ...
Description CMOS 4M×64 BIT Hyper Page Mode DRAM Module(CMOS 4M×64 位超级页面存取模式动态RAM模块)

File Size 195.99K  /  12 Page

View it Online

Download Datasheet





    Fujitsu Limited
Part No. MB8502D064AA-70 MB8502D064AA-60
OCR Text ...pply voltage v cc ?.5 to +7.0 v input voltage v in ?.5 to +7.0 v output voltage v out ?.5 to +7.0 v short circuit output current...70 n package parameter mb8502d064aa-60 mb8502d064aa-70 ras access time 60 ns max. 70 ns ma...
Description CMOS 2M×64 BIT Hyper Page Mode DRAM Module(CMOS 2M×64 位超级页面存取模式动态RAM模块)
CMOS 2M?64 BIT Hyper Page Mode DRAM Module(CMOS 2M?64 浣??绾ч〉?㈠???ā寮????AM妯″?)

File Size 155.82K  /  12 Page

View it Online

Download Datasheet

    CDST-70-HF CDST-56-HF CDST-99-HF

Comchip Technology
Part No. CDST-70-HF CDST-56-HF CDST-99-HF
OCR Text ...d, high reliability. SOT-23 0.119(3.00) 0.110(2.80) 3 0.056(1.40) 0.047(1.20) Mechanical data Case: SOT-23, molded plastic. Term...70-HF Marking Code: A4 CDST-56-HF Marking Code: A1 Maximum Ratings (at Ta=25C unless otherwise...
Description Small Signal Switching Diodes

File Size 84.32K  /  4 Page

View it Online

Download Datasheet

    AMIC Technology, Corp.
AMIC Technology Corporation
AMICC[AMIC Technology]
Part No. A278308AL-70 A278308A A278308A-55 A278308A-70 A278308AL A278308AL-55
OCR Text 0.0 0.1 1.0 History Initial issue Change Program Verify VCC to 6.25V Final version release Issue Date September 29, 2000 March 14, 2...70 ns (max.) Current: Operating: 30mA (max.) at 5MHz Standby: 100A (max.) All inputs and outputs are...
Description 256K X 8 OTP CMOS EPROM 256K × 8检察官办公室的CMOS存储

File Size 169.60K  /  14 Page

View it Online

Download Datasheet

    http://
AMICC[AMIC Technology]
AMIC Technology Corporation
AMIC Technology, Corp.
Part No. A23L9316V-70 A23L9316 A23L93161 A23L93161V A23L93161V-100 A23L93161V-70 A23L93162 A23L93162-100 A23L93162-70 A23L93162V A23L93162V-100 A23L93162V-70 A23L9316M A23L9316M-100 A23L9316M-70 A23L9316R A23L9316R-100 A23L9316R-70 A23L9316V A23L9316V-100
OCR Text ...ROM Revision History Rev. No. 0.0 0.1 0.2 512K X 16 / 1M X 8 BIT CMOS MASK ROM History Initial issue Update for DC. Specification Change tAOE from 35ns to 30ns(max.) at -70 grade Issue Date February 19, 2004 July 9, 2004 May 23...
Description Power Resistor; Series:MK; Resistance:5ohm; Resistance Tolerance: /- 1 %; Power Rating:0.75W; Voltage Rating:400V; Temperature Coefficient: /-50 ppm; Mounting Type:Through Hole; Operating Temp. Min:0 C; Terminal Type:Radial Leaded
VGA VIDEO CABLE W/ FERRITE CORE, 3 FT, FF
512K X 16 / 1M X 8 BIT CMOS MASK ROM 12k × 16 / 1米8位CMOS掩膜ROM

File Size 256.78K  /  11 Page

View it Online

Download Datasheet

    http://
AMICC[AMIC Technology]
AMIC Technology Corporation
AMIC Technology, Corp.
Part No. A23L8316V-70 A23L8308 A23L8316 A23L83161 A23L83161-100 A23L83161-70 A23L83161V A23L83161V-100 A23L83161V-70 A23L8316M A23L8316M-100 A23L8316M-70 A23L8316R A23L8316R-100 A23L8316R-70 A23L8316V A23L8316V-100
OCR Text 0.0 256K X 16 / 512K X 8 BIT CMOS MASK ROM History Initial issue Issue Date July 28, 2004 Remark Preliminary PRELIMINARY ...70) Symbol Parameter Min. Max. Unit Conditions Note VOH VOL VlH VlL lLI lLO Output High Volt...
Description Power Resistor; Series:MK; Resistance:200kohm; Resistance Tolerance: /- 1 %; Power Rating:0.75W; Voltage Rating:400V; Temperature Coefficient: /-50 ppm; Mounting Type:Through Hole; Operating Temp. Min:0 C
CAT5E PATCH CORD 25 FOOT BLACK
256K X 16 / 512K X 8 BIT CMOS MASK ROM 256 × 16 /12k × 8位CMOS掩膜ROM

File Size 218.25K  /  12 Page

View it Online

Download Datasheet

    MBM29DL161TE-70 MBM29DL161TE-90 MBM29DL162TE-90 MBM29DL164TE-90 MBM29DL163TE-90 MBM29DL161BE-12 MBM29DL161BE70TN MBM29DL

Fujitsu Component Limited.
Fujitsu, Ltd.
Fujitsu Limited
Part No. MBM29DL161TE-70 MBM29DL161TE-90 MBM29DL162TE-90 MBM29DL164TE-90 MBM29DL163TE-90 MBM29DL161BE-12 MBM29DL161BE70TN MBM29DL162BE-12 MBM29DL162BE70PBT MBM29DL162BE-90 MBM29DL161BE-90 MBM29DL162BE70TN MBM29DL161BE-70 MBM29DL163BE-90 MBM29DL163BE-12TR FUJITSULIMITED-MBM29DL161TE70PBT MBM29DL161BE MBM29DL164TE
OCR Text ...6xte/be -70/90/12 n features ? 0.23 m m process technology ? simultaneous read/write operations (dual bank) multiple devices available with different bank sizes (refer to table 1) host system can program or erase in one bank, then immedia...
Description 16M (2MX8/1MX16) BIT Dual Operation
1M X 16 FLASH 3V PROM, 12 ns, PDSO48
TVS BIDIRECT 600W 48V SMB 16米(2米x 8/1M × 16)位双操
8 PORT MODULAR SWITCH
4 PORT 100MB MULTI-MODE FIBER
BANDWIDTH MANAGER MODULE TP
16M (2M X 8/1M X 16) BIT Dual Operation

File Size 344.86K  /  75 Page

View it Online

Download Datasheet

    TC554161AFTI-70 TC554161AFTI-10L TC554161AFTI-70L TC554161AFTI-10 TC554161AFTI-85 TC554161AFTI-85L TC554161AFTI

TOSHIBA[Toshiba Semiconductor]
Toshiba Corporation
Part No. TC554161AFTI-70 TC554161AFTI-10L TC554161AFTI-70L TC554161AFTI-10 TC554161AFTI-85 TC554161AFTI-85L TC554161AFTI
OCR Text ...C554161AFTI -70,-85,-10 5.5 V 3.0 V 200 mA 100 mA -70L,-85L,-10L 100 mA 50 mA * Access Times (maximum): TC554161AFTI -70,-70L Access Time CE Access Time OE Access Time -85,-85L 85 ns 85 ns 45 ns -10,-10L 100 ns 100 ns 50 ns ...
Description 262,144-WORD BY 16-BIT STATIC RAM
TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS

File Size 138.12K  /  10 Page

View it Online

Download Datasheet

For .070 Found Datasheets File :: 256689    Search Time::3.891ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of .070

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.52034521102905